Part Number Hot Search : 
INA128 IP7805AK 2002057 V21012 2F675 32010 02P01180 FTRPB
Product Description
Full Text Search
 

To Download CFE534NP-43KC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF Coils
Type:
CFE534
Product Description
5.6x3.8mm Max.(LxW), 4.2mm Max. Height. Inductance range:10nH43nHOperating frequency: 1GHz Max. In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements
Feature
Connection (Bottom View)

Unshielded fixed type. Small size low profile dimensions. RoHS Compliance
Dimensions (mm)
0.15 Max.
0.6
Land Pattern (mm)
5.40.2
3.8
4.2 Max.
Dimension does not include solder used on coil.
3.60.2
5.6
Specification
Part No. CFE534NP-1OOKC CFE534NP-12OKC CFE534NP-15OKC CFE534NP-18OKC CFE534NP-22OKC CFE534NP-27OKC CFE534NP-33OKC CFE534NP-39OKC CFE534NP-43OKC Stamp 10 12 15 18 22 27 33 39 43 Inductance [Within]1 10nH10% 12nH10% 15nH10% 18nH10% 22nH10% 27nH10% 33nH10% 39nH10% 43nH10% Unloaded [Typ.]1 120 130 130 130 130 130 130 135 135 S.R.F. [Min.](MHz) 1000 1000 1000 1000 1000 1000 1000 1000 1000 Rated Current () 2 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
1. 10nH43nH inductance and unloaded Q measured at a frequency of 150MHz. 2 . Rated current: The D.C. current at which the inductance decreases to 90% of it's initial value or when t=40, whichever is lower(Ta=20). Please refer to the sales offices on our website for a representative near you www.sumida.com
0.8
1/1


▲Up To Search▲   

 
Price & Availability of CFE534NP-43KC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X